p4smaj5.0 thru p4smaj340a page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 400w surface mount transient voltage suppressor p4smaj5.0 thru p4smaj340a features z optimized for lan protection application z ideal for esd protection of data lines in accordance with iec 1000-4-2(iec801-2) z ideal for eft protection of data line in accordance with iec 1000-4-4(iec801-4) z excellent clamping capability z low incremental surge resistance z fast response time: typically less than 1.0 ps from 0 volts to v(br) min z 400 w peak pulse power capability with a 10/1000 s waveform , repetition rate (duty cycle):0.01% z typical i d less than 1 a above 10v z high temperature soldering guaranteed: 250/10 seconds at terminal mechanical data z case: molded plastic, do- 214ac (sma), dimensions in inches and (millimeters z terminals: solder plated z polarity: indicated by cathode band z weight: 0.064 grams maximum ratings and electrical c haracteristics ratings at 25 c ambient temperature unless otherwise specified ratings symbol value units peak pulse power dissipation on 10/1000 s waveform (note 1, fig. 1) p ppm minimum 400 watts peak pulse current of 0n 10/1000 s waveform (note 1,fig. 3) i ppm see table 1 a steady state power dissipation at t l =75 (note 2) p m(av) 1.0 watts peak forward surge current, 8.3ms single half sine-wave superimposed on rated load, unidirectional only(note 3) i fsm 40 a maximum instantaneous forwar d voltage at 25.0a for unidirectional only (note 3 & 4) vf 3.5 v operating junction and stor age temperature range t j, t stg - 55 to + 150 c note U 1. non-repetitive current pulse, per fig.3 and derated above ta=25 c per fig 2. 2. mounted on 5.0mm 2 copper pads to each terminal 3. lead temperature at 75 c =t l per fig. 5 4. measured on 8.3ms single half sine -wave. for unidirect ional devices only 5. peak pulse power waveform is 10/1000 s .220(5.6) .192(4.9) .190(4.8) .157(4.0) .071(1.8) .035(0.9) .110(2.8) .090(2.3) .080(2.0) .100(2.6) .080(2.0) .065(1.65) .040(1.25) cathode .177(4.5) .071(1.8) .087(2.2) soldering pad
p4smaj5.0 thru p4smaj340a page: 2 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v wm (volts) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a) p4smaj5.0 p4smaj5.0a p4smaj6.0 p4smaj6.0a p4smaj6.5 p4smaj6.5a p4smaj7.0 p4smaj7.0a p4smaj7.5 p4smaj7.5a p4smaj8.0 p4smaj8.0a p4smaj8.5 p4smaj8.5a p4smaj9.0 p4smaj9.0a p4smaj10 p4smaj10a p4smaj11 p4smaj11a p4smaj12 p4smaj12a p4smaj13 p4smaj13a p4smaj14 p4smaj14a p4smaj15 p4smaj15a p4smaj16 p4smaj16a p4smaj17 p4smaj17a p4smaj18 p4smaj18a p4smaj20 p4smaj20a p4smaj22 p4smaj22a p4smaj24 p4smaj24a p4smaj26 p4smaj26a p4smaj28 p4smaj28a p4smaj30 p4smaj30a p4smaj33 p4smaj33a p4smaj36 p4smaj36a p4smaj40 p4smaj40a p4smaj43 p4smaj43a p4smaj45 p4smaj45a p4smaj48 p4smaj48a ad ae af ag ah ak al am an ap aq ar as at au av aw ax ay az bd be bf bg bh bk bl bm bn bp bq br bs bt bu bv bw bx by bz cd ce cf cg ch ck cl cm cn cp cq cr cs ct cu cv cw cx wd we wf wg wh wk wl wm wn wp wq wr ws wt wu wv ww wx wy wz xd xe xf xg xh xk xl xm xn xp xq xr xs xt xu xv xw xx xy xz yd ye yf yg yh yk yl ym yn yp yq yr ys yt yu yv yw yx 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45 48 48 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.3 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 41.7 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.7 29.4 25.2 27.8 23.7 26.0 21.3 23.5 19.9 22.0 18.2 20.1 16.8 18.6 15.5 17.2 14.9 16.4 13.9 15.4 13.1 14.5 12.4 13.7 11.2 12.3 10.2 11.3 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.8 5.0 5.5 4.7 5.2 800 800 800 800 500 500 200 200 100 100 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
p4smaj5.0 thru p4smaj340a page: 3 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v wm (volts) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a) p4smaj51 p4smaj51a p4smaj54 p4smaj54a p4smaj58 p4smaj58a p4smaj60 p4smaj60a p4smaj64 p4smaj64a p4smaj70 p4smaj70a p4smaj75 p4smaj75a p4smaj78 p4smaj78a p4smaj85 p4smaj85a p4smaj90 p4smaj90a P4SMAJ100 P4SMAJ100a p4smaj110 p4smaj110a p4smaj120 p4smaj120a p4smaj130 p4smaj130a p4smaj150 p4smaj150a p4smaj160 p4smaj160a p4smaj170 p4smaj170a p4smaj185 p4smaj185a p4smaj188 p4smaj188a p4smaj215 p4smaj215a p4smaj256 p4smaj256a p4smaj300 p4smaj300a p4smaj340 p4smaj340a cy cz rd re rf rg rh rk rl rm rn rp rq rr rs rt ru rv rw rx ry rz sd se sf sg sh sk sl sm sn sp sq sr ss st st ss su sv sw sx sy sz td te yy yz zd ze zf zg zh zk zl zm zn zp zq zr zs zt zu zv zw zx zy zz vd ve vf vg vh vk vl vm vn vp vq vr vs vt vt vs vu vv vw vx vy vz ud ue 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 185 185 188 188 215 215 256 256 300 300 340 340 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 209 209 209 209 238 238 284 284 332 332 378 378 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.4 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0 251 231 255 231 286 264 341 314 400 368 455 418 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 330.0 304.0 344.0 328.0 375.0 346.0 447.0 411.0 520.0 478.0 592.0 502.0 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9 3.2 3.5 3.0 3.3 2.9 3.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.1 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4 0.91 0.99 1.1 1.2 0.80 0.86 0.67 0.73 0.57 0.62 0.50 0.60 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 note: 1. vf=3.5v at if=25a on ? square or equivalent sine wave. pw = 8.3ms , duty cycle = 4 pulses per minute maximum 2. for bipolar types with vr of 10 volts and under , the ir limit is doubled 3. mounted on 5.0mm 2 copper pads to each terminal. 4. for bidirectional use c suffix for 10% tolerance , ca suffix for 5% tolerance
p4smaj5.0 thru p4smaj340a page: 4 ratings and characteristic curves p4smaj5.0 thru p4smaj340a fig. 6 - maximum non-repetitive peak forward surge current unidirectional only 50 40 30 20 10 0 i fsm peak forward surge current amperes 110 100 number of cycles at 60h z 8.3ms single half sine-wave (jedec method) t j =t j max. 150 100 50 0 fig. 3 - pulse waveform i ppm , peak pulse current, % 0 1.0 2.0 3.0 4.0 t, time,ms pulse width (td) is defined as the point where the peak current decays to 50% of i pp 10/1000usec. waveform as defined by r.e.a. half value ipp 2 peak value i ppm tr =10usec. td fig. 1 - peak pulse power rating curve 100 10 1.0 0.1 p ppm, peak pulse power, kw non-repetitive pulse waveform shown in fig. 3 t a =25 0.1 us 1.0 us 10 us 100 us 1.0 ms 10 ms td, pulse width, sec mounted on 5mm5mm copper pads fig. 5 - steady state power derating curve 1.00 0.75 0.50 0.25 0 pm( av ), steady state power dissipation ,watts 0 25 50 75 100 125 150 175 200 t l , lead temperature, 60h z resistive or inductive load mounted on 5mm5mm copper pads fig. 4 - typical junction capacitance 10,000 1,000 100 10 c j , junction capacitance , p f 1.0 10 100 200 v( br ), breakdown voltage, volts bi-directional measured at stand -off voltage , vwm t j =25 f=1.0 mh z vsig=50mvp-p uni-directional fig. 2 - pulse derating curve 100 75 50 25 0 peak pulse power (p pp ) or current (i pp ) derating in percentage,% 0 25 50 75 100 125 150 175 200 ta, ambient temperature, mounted on 5mm5mm copper pads
|